PART |
Description |
Maker |
LTC1152CS8TR |
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 10 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
BUS-66300II-883B BUS-66301II-883B BUS-66301II-B |
Rail-to-rail input/output 20 MHz GBP operational amplifiers Rail-to-rail input/output 8 MHz operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Advanced Analog Technology, Inc.
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
LT1638 LT1638CMS8 LT1638CN8 LT1638CS8 LT1638IN8 LT |
1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps DUAL OP-AMP, 1250 uV OFFSET-MAX, 1.2 MHz BAND WIDTH, PDSO8 1.2MHz/ 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
MIC7211 MIC7211BM5 MIC7221BM5 MIC7221 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN IttyBitty Rail-to-Rail Input Comparator(IttyBitty技术满幅度输入比较 IttyBitty Rail-to-Rail Input Comparator Preliminary Information IttyBitty⑩ Rail-to-Rail Input Comparator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LMH6611 LMH6612 |
PowerWise㈢ Single Supply 345 MHz Rail-to-Rail Output Amplifiers
|
Intersil Corporation
|
ADA4806-1ARJZ-R7 ADA4806-1RJ-EBZ |
0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
|
Analog Devices
|
AD8615 AD8615ARJ AD8618 AD8615AD8616AD8618 AD8618A |
Precision 20 MHz CMOS Single Rail-to-Rail Input/Output Operational Amplifier Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
|
AD[Analog Devices] adi
|
AD806105 AD8063ARZ-REEL7 AD8061 AD8061AR AD8061AR- |
Low Cost, 300 MHz Rail-to-Rail Amplifiers
|
AD[Analog Devices]
|